Part Number Hot Search : 
GBPC5016 2SA1757 GBPC5016 EPD1024G LTC3444 AP4303 Z2618 CM4420
Product Description
Full Text Search
 

To Download 2SC5026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial Planar Type 2SC5026
Transistors
Features
Low collector-emitter saturation voltage VCE(sat). High collector-emitter voltage (Base open) VCEO Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 80 80 5 1 1.5 1 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector-base cutoff current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol VCBO VCEO VEBO ICBO hFE Testconditons IC = 10 iA, IE = 0 IC = 1 mA, IB = 0 IE = 10 iA, IC = 0 VCB = 40 V, IB = 0 VCE = 2 V, IC = 100 mA 120 0.15 0.85 120 10 20 Min 80 80 5 0.1 340 0.3 1.2 V V MHz pF Typ Max Unit V V V iA
VCE(sat) IC = 500 mA, IB = 50 mA VBE(sat) IC = 500 mA, IB = 50 mA fT Cob VCB = 10 V, IE = -50 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz
hFE Classification
Marking Rank hFE R 120 240 2A S 170 340
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC5026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X